| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF52810-QCAA-R Fiches technique(PDF) 77 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R Fiches technique(HTML) 77 Page - Nordic Semiconductor |
|
77 / 483 page ![]() Power and clock management Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id D C B A Reset 0x0000FFFF 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW S0POWER Keep RAM section S0 ON or OFF in System ON mode. RAM sections are always retained when ON, but can also be retained when OFF dependent on the settings in S0RETENTION. All RAM sections will be OFF in System OFF mode. Off 0 Off On 1 On B RW S1POWER Keep RAM section S1 ON or OFF in System ON mode. RAM sections are always retained when ON, but can also be retained when OFF dependent on the settings in S1RETENTION. All RAM sections will be OFF in System OFF mode. Off 0 Off On 1 On C RW S0RETENTION Keep retention on RAM section S0 when RAM section is in OFF Off 0 Off On 1 On D RW S1RETENTION Keep retention on RAM section S1 when RAM section is in OFF Off 0 Off On 1 On 5.3.9.22 RAM[4].POWERSET Address offset: 0x944 RAM4 power control set register When read, this register will return the value of the POWER register. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id D C B A Reset 0x0000FFFF 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A W S0POWER Keep RAM section S0 of RAM4 on or off in System ON mode On 1 On B W S1POWER Keep RAM section S1 of RAM4 on or off in System ON mode On 1 On C W S0RETENTION Keep retention on RAM section S0 when RAM section is switched off On 1 On D W S1RETENTION Keep retention on RAM section S1 when RAM section is switched off On 1 On 5.3.9.23 RAM[4].POWERCLR Address offset: 0x948 RAM4 power control clear register 4430_161 v1.0 77 |