| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF52820-QDAA-R Fiches technique(PDF) 296 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R Fiches technique(HTML) 296 Page - Nordic Semiconductor |
|
296 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW STOPPED Write '1' to disable interrupt for event STOPPED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW RXDREADY Write '1' to disable interrupt for event RXDREADY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW TXDSENT Write '1' to disable interrupt for event TXDSENT Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW ERROR Write '1' to disable interrupt for event ERROR Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW BB Write '1' to disable interrupt for event BB Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW SUSPENDED Write '1' to disable interrupt for event SUSPENDED Generated just after ACK bit has been transferred in a read transaction, and only if SUSPEND has been requested earlier. Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.20.8.15 ERRORSRC Address offset: 0x4C4 Error source Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW OVERRUN Overrun error A new byte was received before previous byte got read by software from the RXD register. (Previous data is lost) NotPresent 0 Read: no overrun occured Present 1 Read: overrun occured B RW ANACK NACK received after sending the address (write '1' to clear) NotPresent 0 Read: error not present Present 1 Read: error present C RW DNACK NACK received after sending a data byte (write '1' to clear) NotPresent 0 Read: error not present Present 1 Read: error present 4463_156 v1.0 296 |