| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF52820-QDAA-R Fiches technique(PDF) 255 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R Fiches technique(HTML) 255 Page - Nordic Semiconductor |
|
255 / 437 page ![]() Peripherals Start SPI transaction Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_START Start SPI transaction Trigger 1 Trigger task 6.16.5.2 TASKS_STOP Address offset: 0x014 Stop SPI transaction Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_STOP Stop SPI transaction Trigger 1 Trigger task 6.16.5.3 TASKS_SUSPEND Address offset: 0x01C Suspend SPI transaction Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_SUSPEND Suspend SPI transaction Trigger 1 Trigger task 6.16.5.4 TASKS_RESUME Address offset: 0x020 Resume SPI transaction Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_RESUME Resume SPI transaction Trigger 1 Trigger task 6.16.5.5 EVENTS_STOPPED Address offset: 0x104 SPI transaction has stopped 4463_156 v1.0 255 |