| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF52810-QFAA-R Fiches technique(PDF) 351 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R Fiches technique(HTML) 351 Page - Nordic Semiconductor |
|
351 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled O RW CH4LIMITH Write '1' to Disable interrupt for CH[4].LIMITH event See EVENTS_CH[4].LIMITH Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled P RW CH4LIMITL Write '1' to Disable interrupt for CH[4].LIMITL event See EVENTS_CH[4].LIMITL Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled Q RW CH5LIMITH Write '1' to Disable interrupt for CH[5].LIMITH event See EVENTS_CH[5].LIMITH Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled R RW CH5LIMITL Write '1' to Disable interrupt for CH[5].LIMITL event See EVENTS_CH[5].LIMITL Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled S RW CH6LIMITH Write '1' to Disable interrupt for CH[6].LIMITH event See EVENTS_CH[6].LIMITH Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled T RW CH6LIMITL Write '1' to Disable interrupt for CH[6].LIMITL event See EVENTS_CH[6].LIMITL Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled U RW CH7LIMITH Write '1' to Disable interrupt for CH[7].LIMITH event See EVENTS_CH[7].LIMITH Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled V RW CH7LIMITL Write '1' to Disable interrupt for CH[7].LIMITL event See EVENTS_CH[7].LIMITL Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.17.11.4 STATUS Address offset: 0x400 Status 4430_161 v1.0 351 |