| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF52810-QFAA-R Fiches technique(PDF) 268 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R Fiches technique(HTML) 268 Page - Nordic Semiconductor |
|
268 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id H G F E D C B Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW SEQEND0 Write '1' to Disable interrupt for SEQEND[0] event See EVENTS_SEQEND[0] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW SEQEND1 Write '1' to Disable interrupt for SEQEND[1] event See EVENTS_SEQEND[1] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW PWMPERIODEND Write '1' to Disable interrupt for PWMPERIODEND event See EVENTS_PWMPERIODEND Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW LOOPSDONE Write '1' to Disable interrupt for LOOPSDONE event See EVENTS_LOOPSDONE Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.12.5.5 ENABLE Address offset: 0x500 PWM module enable register Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW ENABLE Enable or disable PWM module Disabled 0 Disabled Enabled 1 Enable 6.12.5.6 MODE Address offset: 0x504 Selects operating mode of the wave counter 4430_161 v1.0 268 |