| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF52810-QFAA-R Fiches technique(PDF) 260 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R Fiches technique(HTML) 260 Page - Nordic Semiconductor |
|
260 / 483 page ![]() Peripherals between last period on sequence 0 and the first period on sequence 1. Since SEQ[1].ENDDELAY=0 there is no delay 1, so SEQ[0] would be started immediately after the end of SEQ[1]. However, as LOOP.CNT is one, the playback stops after having played only once SEQ[1], and both SEQEND[1] and LOOPSDONE are generated (their order is not guaranteed in this case). NRF_PWM0->PSEL.OUT[0] = (first_pin << PWM_PSEL_OUT_PIN_Pos) | (PWM_PSEL_OUT_CONNECT_Connected << PWM_PSEL_OUT_CONNECT_Pos); NRF_PWM0->ENABLE = (PWM_ENABLE_ENABLE_Enabled << PWM_ENABLE_ENABLE_Pos); NRF_PWM0->MODE = (PWM_MODE_UPDOWN_Up << PWM_MODE_UPDOWN_Pos); NRF_PWM0->PRESCALER = (PWM_PRESCALER_PRESCALER_DIV_1 << PWM_PRESCALER_PRESCALER_Pos); NRF_PWM0->COUNTERTOP = (16000 << PWM_COUNTERTOP_COUNTERTOP_Pos); //1 msec NRF_PWM0->LOOP = (1 << PWM_LOOP_CNT_Pos); NRF_PWM0->DECODER = (PWM_DECODER_LOAD_Common << PWM_DECODER_LOAD_Pos) | (PWM_DECODER_MODE_RefreshCount << PWM_DECODER_MODE_Pos); NRF_PWM0->SEQ[0].PTR = ((uint32_t)(seq0_ram) << PWM_SEQ_PTR_PTR_Pos); NRF_PWM0->SEQ[0].CNT = ((sizeof(seq0_ram) / sizeof(uint16_t)) << PWM_SEQ_CNT_CNT_Pos); NRF_PWM0->SEQ[0].REFRESH = 1; NRF_PWM0->SEQ[0].ENDDELAY = 1; NRF_PWM0->SEQ[1].PTR = ((uint32_t)(seq1_ram) << PWM_SEQ_PTR_PTR_Pos); NRF_PWM0->SEQ[1].CNT = ((sizeof(seq1_ram) / sizeof(uint16_t)) << PWM_SEQ_CNT_CNT_Pos); NRF_PWM0->SEQ[1].REFRESH = 0; NRF_PWM0->SEQ[1].ENDDELAY = 0; NRF_PWM0->TASKS_SEQSTART[0] = 1; P O L COMPARE SEQ[0].PTR SEQ[0].CNT=2, SEQ[1].CNT=3, SEQ[0].REFRESH=1, SEQ[1].REFRESH=0, SEQ[0].ENDDELAY=1, SEQ[1].ENDDELAY=0, LOOP.CNT=1 PWM Clock Period P O L COMPARE LOOPSDONE SEQEND[0] SEQSTARTED[0] SEQSTART[0] Event/Tasks SEQ[1].PTR P O L COMPARE P O L COMPARE Event/Tasks 1 PWM period SEQ[0].ENDDELAY=1 PWM Generation maintains last played value (continuation) (continued below) SEQEND[1] SEQSTARTED[1] Figure 52: Example using two sequences 4430_161 v1.0 260 |