| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF52810-QFAA-R Fiches technique(PDF) 153 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R Fiches technique(HTML) 153 Page - Nordic Semiconductor |
|
153 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Output 1 Pin set as output R RW PIN17 Pin 17 Input 0 Pin set as input Output 1 Pin set as output S RW PIN18 Pin 18 Input 0 Pin set as input Output 1 Pin set as output T RW PIN19 Pin 19 Input 0 Pin set as input Output 1 Pin set as output U RW PIN20 Pin 20 Input 0 Pin set as input Output 1 Pin set as output V RW PIN21 Pin 21 Input 0 Pin set as input Output 1 Pin set as output W RW PIN22 Pin 22 Input 0 Pin set as input Output 1 Pin set as output X RW PIN23 Pin 23 Input 0 Pin set as input Output 1 Pin set as output Y RW PIN24 Pin 24 Input 0 Pin set as input Output 1 Pin set as output Z RW PIN25 Pin 25 Input 0 Pin set as input Output 1 Pin set as output a RW PIN26 Pin 26 Input 0 Pin set as input Output 1 Pin set as output b RW PIN27 Pin 27 Input 0 Pin set as input Output 1 Pin set as output c RW PIN28 Pin 28 Input 0 Pin set as input Output 1 Pin set as output d RW PIN29 Pin 29 Input 0 Pin set as input Output 1 Pin set as output e RW PIN30 Pin 30 Input 0 Pin set as input Output 1 Pin set as output f RW PIN31 Pin 31 Input 0 Pin set as input Output 1 Pin set as output 6.8.2.6 DIRSET Address offset: 0x518 4430_161 v1.0 153 |