| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF52810-QFAA-R Fiches technique(PDF) 145 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R Fiches technique(HTML) 145 Page - Nordic Semiconductor |
|
145 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description U RW PIN20 Pin 20 Low 0 Read: pin driver is low High 1 Read: pin driver is high Set 1 Write: writing a '1' sets the pin high; writing a '0' has no effect V RW PIN21 Pin 21 Low 0 Read: pin driver is low High 1 Read: pin driver is high Set 1 Write: writing a '1' sets the pin high; writing a '0' has no effect W RW PIN22 Pin 22 Low 0 Read: pin driver is low High 1 Read: pin driver is high Set 1 Write: writing a '1' sets the pin high; writing a '0' has no effect X RW PIN23 Pin 23 Low 0 Read: pin driver is low High 1 Read: pin driver is high Set 1 Write: writing a '1' sets the pin high; writing a '0' has no effect Y RW PIN24 Pin 24 Low 0 Read: pin driver is low High 1 Read: pin driver is high Set 1 Write: writing a '1' sets the pin high; writing a '0' has no effect Z RW PIN25 Pin 25 Low 0 Read: pin driver is low High 1 Read: pin driver is high Set 1 Write: writing a '1' sets the pin high; writing a '0' has no effect a RW PIN26 Pin 26 Low 0 Read: pin driver is low High 1 Read: pin driver is high Set 1 Write: writing a '1' sets the pin high; writing a '0' has no effect b RW PIN27 Pin 27 Low 0 Read: pin driver is low High 1 Read: pin driver is high Set 1 Write: writing a '1' sets the pin high; writing a '0' has no effect c RW PIN28 Pin 28 Low 0 Read: pin driver is low High 1 Read: pin driver is high Set 1 Write: writing a '1' sets the pin high; writing a '0' has no effect d RW PIN29 Pin 29 Low 0 Read: pin driver is low High 1 Read: pin driver is high Set 1 Write: writing a '1' sets the pin high; writing a '0' has no effect 4430_161 v1.0 145 |