Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NPM1100-CAAA-R Fiches technique(PDF) 7 Page - Nordic Semiconductor

No de pièce NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Fiches technique(HTML) 7 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 3Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 4Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 5Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 6Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 7Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 8Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 9Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 10Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 11Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
2 About this document
This document is organized into chapters that are based on the modules available in the IC.
2.1 Document status
The document status reflects the level of maturity of the document.
Document name
Description
Objective Product Specification (OPS)
Applies to document versions up to 1.0.
This document contains target specifications for
product development.
Product Specification (PS)
Applies to document versions 1.0 and higher.
This document contains final product
specifications. Nordic Semiconductor ASA reserves
the right to make changes at any time without
notice in order to improve design and supply the
best possible product.
Table 1: Defined document names
2.2 Core component chapters
Every core component has a unique capitalized name or an abbreviation of its name, e.g. LED, used for
identification and reference. This name is used in chapter headings and references, and it will appear in
the C-code header file to identify the component.
The core component instance name, which is different from the core component name, is constructed
using the core component name followed by a numbered postfix, starting with 0, for example, LED0.
A postfix is normally only used if a core component can be instantiated more than once. The core
component instance name is also used in the C-code header file to identify the core component instance.
The chapters describing core components may include the following information:
• A detailed functional description of the core component
• Register configuration for the core component
• Electrical specification tables, containing performance data which apply for the operating conditions
described in Recommended operating conditions on page 14.
4445_367 v1.0
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58