Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0034310 Fiches technique(PDF) 4 Page - Lapp.

No de pièce 0034310
Description  UNITRONIC® LiYCY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LAPP [Lapp.]
Site Internet  https://e.lapp.com/us/
Logo LAPP - Lapp.

0034310 Fiches technique(HTML) 4 Page - Lapp.

  0034310 Datasheet HTML 1Page - Lapp. 0034310 Datasheet HTML 2Page - Lapp. 0034310 Datasheet HTML 3Page - Lapp. 0034310 Datasheet HTML 4Page - Lapp. 0034310 Datasheet HTML 5Page - Lapp. 0034310 Datasheet HTML 6Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Article number
Number of cores and mm² per
conductor
Outer diameter [mm]
Copper index [kg/km]
Weight [kg/km]
0034415
15 x 0.25
8.3
61
111
0034416
16 x 0.25
8.4
64
119
0034418
18 x 0.25
8.8
83
125
0034420
20 x 0.25
9.3
88
136
0034421
21 x 0.25
9.6
93
161
0034425
25 x 0.25
10.7
114
172
0034428
28 x 0.25
10.8
126
181.1
0034432
32 x 0.25
11.4
138
203
0034436
36 x 0.25
11.8
148
220
0034440
40 x 0.25
12.7
157
248
0034450
50 x 0.25
13.8
178
318
0034461
61 x 0.25
15
205
365.2
0034502
2 x 0.34
4.9
21
37
0034503
3 x 0.34
5.1
27
42
0034504
4 x 0.34
5.7
28
52
0034505
5 x 0.34
6.2
30
60
0034506
6 x 0.34
6.8
45
64
0034507
7 x 0.34
6.8
48
83
0034508
8 x 0.34
7.8
52
94
0034510
10 x 0.34
8.3
74
105
0034512
12 x 0.34
8.5
80
123
0034514
14 x 0.34
8.9
86
154
0034515
15 x 0.34
9.2
90
155
0034516
16 x 0.34
9.4
94
160
0034518
18 x 0.34
10.2
103
173
0034520
20 x 0.34
10.7
112
192
0034521
21 x 0.34
11.1
116
199.2
0034525
25 x 0.34
11.9
135
259
0034528
28 x 0.34
12
153
280
0034530
30 x 0.34
12.3
159
291.1
0034532
32 x 0.34
13
165
305
0034536
36 x 0.34
13.4
179
331
0034540
40 x 0.34
14.8
200
365
0034550
50 x 0.34
15.9
235
431



Html Pages

1 2 3 4 5 6