Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

708-5941 Fiches technique(PDF) 1 Page - Labfacility Ltd

No de pièce 708-5941
Description  Glass fibre Insulated Flat Pair Types ‘K’, ‘J’ & ‘T’ 1/0.3 solid strand– to IEC584
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LABFACILITY [Labfacility Ltd]
Site Internet  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

708-5941 Fiches technique(HTML) 1 Page - Labfacility Ltd

  708-5941 Datasheet HTML 1Page - Labfacility Ltd 708-5941 Datasheet HTML 2Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T/C
Conductors
mm²
Cores
Jacket
Reel Length
order code
Type
KX
1/0.3mm
0.072
+Green/-White
Green
10 metres
708-5930
KX
1/0.3mm
0.072
+Green/-White
Green
50 metres
708-5941
JX
1/0.3mm
0.072
+Black/-White
Black
10 metres
708-5928
TX
1/0.3mm
0.072
+Brown/-White
Brown
10 metres
708-5953
Glass fibre insulated extension cable in thermocouple types; KX, JX or TX
' ůĂƐƐĮ ďƌĞŝŶƐƵůĂƚĞĚŇĂƚƉĂŝƌĐŽŶƐƚƌƵĐƟŽŶ͕ ĐŽŶĚƵĐƚŽƌƐůĂŝĚŇĂƚ͕ ' ůĂƐƐĮ ďƌĞŝŶƐƵůĂƚĞĚǁ ŝƚŚ' ůĂƐƐĮ ďƌĞ
overall, silicone varnished throughout
Good temperature resistance but not suitable where fluids are present
Available in solid 1/0.3mm conductors
Available in 10 or 50 metre reel lengths
All types; conductors are made from associated K, J or T thermocouple alloy type
Tolerance Class 2 to IEC-584
/ŶƐƵůĂƟŽŶƌĂƟŶŐ-60°C to 350°C (short periods up to 400°C)
Colour code (cores & jacket) to IEC-584-3
Glass fibre Insulated Flat Pair
Types ‘K’, ‘J’ & ‘T’ 1/0.3 solid strand– to IEC584
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
101/0414—Glass fibre Insulated Flat Pair


Numéro de pièce similaire - 708-5941

FabricantNo de pièceFiches techniqueDescription
logo
Apex Electronics Co., L...
708-1 APEX-ELECTRONICS-708-1 Datasheet
506Kb / 3P
Toggle switches
logo
Qualtek Electronics Cor...
708-15-63 QUALTEK-708-15-63 Datasheet
300Kb / 1P
AC RECEPTACLE
708-15/63 QUALTEK-708-15/63 Datasheet
300Kb / 1P
AC RECEPTACLE
logo
Apex Electronics Co., L...
708-1A APEX-ELECTRONICS-708-1A Datasheet
506Kb / 3P
Toggle switches
708-2 APEX-ELECTRONICS-708-2 Datasheet
506Kb / 3P
Toggle switches
More results

Description similaire - 708-5941

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MVL-354BV UOT-MVL-354BV Datasheet
32Kb / 2P
T-1 PACKAGE SOLID STATE LAMP
logo
QT Optoelectronics
MV6461 QT-MV6461 Datasheet
203Kb / 2P
BICOLOR T-1 SOLID STATE LAMPS
logo
Kingbright Corporation
L-7104PWC KINGBRIGHT-L-7104PWC Datasheet
81Kb / 3P
T-1 (3mm) SOLID STATE LAMP
L934SE KINGBRIGHT-L934SE Datasheet
88Kb / 3P
T-1 (3mm) SOLID STATE LAMPS
WP7104ID14V KINGBRIGHT-WP7104ID14V Datasheet
404Kb / 6P
T-1 (3mm) SOLID STATE LAMP
WP7104PBC-A KINGBRIGHT-WP7104PBC-A Datasheet
262Kb / 6P
T-1 (3mm) SOLID STATE LAMP
logo
List of Unclassifed Man...
FGT01SCM060 ETC2-FGT01SCM060 Datasheet
46Kb / 2P
Photoelectrics Fibre Optics, Glass
3131 ETC2-3131 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
IT210SM900 ETC2-IT210SM900 Datasheet
2Mb / 27P
Glass Fibre-optic Specifications
logo
LANSDALE Semiconductor ...
ML688T LANSDALE-ML688T Datasheet
2Mb / 3P
Dual J-K
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com