Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

35490 Fiches technique(PDF) 20 Page - Wiha Tools

No de pièce 35490
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIHA [Wiha Tools]
Site Internet  https://www.wihatools.com/
Logo WIHA - Wiha Tools

35490 Fiches technique(HTML) 20 Page - Wiha Tools

Back Button 35490 Datasheet HTML 16Page - Wiha Tools 35490 Datasheet HTML 17Page - Wiha Tools 35490 Datasheet HTML 18Page - Wiha Tools 35490 Datasheet HTML 19Page - Wiha Tools 35490 Datasheet HTML 20Page - Wiha Tools 35490 Datasheet HTML 21Page - Wiha Tools 35490 Datasheet HTML 22Page - Wiha Tools 35490 Datasheet HTML 23Page - Wiha Tools 35490 Datasheet HTML 24Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
7148 CF
CentroFix Force quick release holder, magnetic, style E 6.3.
Sleeve:
Metal, hardened, coated.
Suitable for:
For bits according to DIN 3126, ISO 1173 style C 6.3 and E 6.3.
Drive:
DIN 3126, ISO 1173, style E 6.3.
Packaging:
Plastic box, reusable and dust repellent.
Application:
Whenever the bit needs a secure and zero-play hold.
Ideal for screw profiles (e.g. Torx) which tend to jam in the screw.
Extra:
Bit is automatically locked when inserted - SelfLock.
Simple bit removal thanks to EasyOut ejection function.
Robust operating sleeve of hardened steel.
With strong Neodym magnet.
Ord.No.
39133
10
1/4
1/4
60
All prices are quoted net/pc.
Page 20 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40