| Moteur de recherche de fiches techniques de composants électroniques |
|
33964 Fiches technique(PDF) 20 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
33964 Fiches technique(HTML) 20 Page - Wiha Tools |
|
20 / 40 page ![]() 7148 CF CentroFix Force quick release holder, magnetic, style E 6.3. Sleeve: Metal, hardened, coated. Suitable for: For bits according to DIN 3126, ISO 1173 style C 6.3 and E 6.3. Drive: DIN 3126, ISO 1173, style E 6.3. Packaging: Plastic box, reusable and dust repellent. Application: Whenever the bit needs a secure and zero-play hold. Ideal for screw profiles (e.g. Torx) which tend to jam in the screw. Extra: Bit is automatically locked when inserted - SelfLock. Simple bit removal thanks to EasyOut ejection function. Robust operating sleeve of hardened steel. With strong Neodym magnet. Ord.No. 39133 10 1/4 1/4 60 All prices are quoted net/pc. Page 20 of 40 |