Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0028516. Fiches technique(PDF) 4 Page - Lapp.

No de pièce 0028516.
Description  UNITRONIC® LiYY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LAPP [Lapp.]
Site Internet  https://e.lapp.com/us/
Logo LAPP - Lapp.

0028516. Fiches technique(HTML) 4 Page - Lapp.

  0028516. Datasheet HTML 1Page - Lapp. 0028516. Datasheet HTML 2Page - Lapp. 0028516. Datasheet HTML 3Page - Lapp. 0028516. Datasheet HTML 4Page - Lapp. 0028516. Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Article number
Number of cores and mm² per
conductor
Outer diameter [mm]
Copper index [kg/km]
Weight [kg/km]
0028336
36 x 0.25
11.1
86.4
182.2
0028337
37 x 0.25
11.4
88.8
185
0028340
40 x 0.25
12
96.1
200
0028350
50 x 0.25
12.9
120
257.1
0028402
2 x 0.34
4.2
6.6
25
0028403
3 x 0.34
4.4
9.9
31
0028404
4 x 0.34
4.8
13.1
43.2
0028405
5 x 0.34
5.5
16.5
53.8
0028406
6 x 0.34
5.9
19.6
55
0028407
7 x 0.34
5.9
22.8
62
0028408
8 x 0.34
7.1
26.1
73.1
0028410
10 x 0.34
7.6
32.6
82
0028412
12 x 0.34
7.8
39.1
102
0028414
14 x 0.34
8.2
45.7
109
0028416
16 x 0.34
8.7
52
127
0028420
20 x 0.34
9.6
65.2
159.3
0028421
21 x 0.34
10.4
68.6
167
0028425
25 x 0.34
11.2
81.6
190
0028430
30 x 0.34
11.6
98
226
0028436
36 x 0.34
12.5
118
284
0028440
40 x 0.34
13.5
131
317
0028450
50 x 0.34
15
163
407
0028502
2 x 0.5
4.7
9.6
30
0028503
3 x 0.5
5
14.4
39
0028504
4 x 0.5
5.6
19.2
49
0028505
5 x 0.5
6.1
24
65
0028507
7 x 0.5
6.9
33.6
82
0028508
8 x 0.5
8
38.4
90
0028510
10 x 0.5
8.6
48
117
0028512
12 x 0.5
8.9
58
133
0028516
16 x 0.5
10.2
77
170
0028520
20 x 0.5
11.4
96
214
0028525
25 x 0.5
12.7
120
265
0028530
30 x 0.5
13.2
144
304



Html Pages

1 2 3 4 5