Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0028302. Fiches technique(PDF) 5 Page - Lapp.

No de pièce 0028302.
Description  UNITRONIC® LiYY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LAPP [Lapp.]
Site Internet  https://e.lapp.com/us/
Logo LAPP - Lapp.

0028302. Fiches technique(HTML) 5 Page - Lapp.

  0028302. Datasheet HTML 1Page - Lapp. 0028302. Datasheet HTML 2Page - Lapp. 0028302. Datasheet HTML 3Page - Lapp. 0028302. Datasheet HTML 4Page - Lapp. 0028302. Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Article number
Number of cores and mm² per
conductor
Outer diameter [mm]
Copper index [kg/km]
Weight [kg/km]
0028540
40 x 0.5
15.8
192
392
0028602
2 x 0.75
5.1
14.4
48
0028603
3 x 0.75
5.6
21.6
57
0028604
4 x 0.75
6.1
28.8
69
0028605
5 x 0.75
6.9
36
78
0028607
7 x 0.75
7.5
50
112
0028608
8 x 0.75
8.7
58
126
0028610
10 x 0.75
9.4
72
149
0028612
12 x 0.75
10.1
86
176
0028616
16 x 0.75
11.2
115
218
0028620
20 x 0.75
12.4
144
274
0028625
25 x 0.75
14
180
320
0028702
2 x 1.0
5.6
19.2
55
0028703
3 x 1.0
5.9
29
70
0028704
4 x 1.0
6.4
38.4
79
0028705
5 x 1.0
7.3
48
98
0028802
2 x 1.5
6.2
29
74
0028803
3 x 1.5
6.8
43
89
0028804
4 x 1.5
7.4
58
105



Html Pages

1 2 3 4 5