| Moteur de recherche de fiches techniques de composants électroniques |
|
36732 Fiches technique(PDF) 9 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36732 Fiches technique(HTML) 9 Page - Wiha Tools |
|
9 / 44 page ![]() 9 www.wihatools.com Wiha Screw Holding Tools MagicSpring Screw Holding Screwdriver, With Wiha-SoftFinish® Handle Round blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips. Item No. Size mm Inch mm Inch mm Inch mm Inch lbs. pkg. 36202 T6 60 2.4 3.5 .139 164 6.5 23 .91 .07 10 36203 T7 60 2.4 3.5 .139 164 6.5 23 .91 .07 10 36207 T8 60 2.4 3.5 .139 164 6.5 23 .91 .07 10 36234 T9 60 2.4 4.0 .157 171 6.7 30 1.18 .11 10 36244 T10 80 3.1 4.0 .157 191 7.5 30 1.18 .11 10 36249 T15 80 3.1 4.0 .157 191 7.5 30 1.18 .11 10 36254 T20 100 3.9 4.0 .157 211 8.3 36 1.42 .16 10 36256 T25 100 3.9 4.5 .177 211 8.3 36 1.42 .17 10 36257 T27 115 4.5 5.5 .216 233 9.2 36 1.42 .20 10 36258 T30 115 4.5 6.0 .236 233 9.2 36 1.42 .21 10 Set 6 Pcs. MagicSpring Screw Holding SoftFinish Screwdrivers Round blade high alloy CVM steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips. Molded on. Item No. Size mm Size mm lbs. 36290 T8 60 T20 100 .98 T10 80 T25 100 T15 80 T30 115 362 36290 *MagicSpring tools will hold Torx® screws made to CamCar Textron Torx® specifications • Laser welded assembly • Holds screws securely • Won’t damage screws • Doesn’t weaken tool • Exact fit tips • Hardened tool steel blades • Holds standard Torx screws* • Stainless rotary spring Laser Welded MagicSpring Assembly Screw Holding TORX ® Screw Holding TORX ® Wiha SoftFinish® CushionGrip Drivers With Inch & MM Scale on Blades Measuring Scale Slotted Screwdriver, With Wiha-SoftFinish® Cushion Grip Handle Item mm No. mm Inch mm Inch mm Inch mm Inch mm Inch Scale lbs. pkg. 30237 5.5 7/32 125 5.0 1.0 .039 236 9.3 30 1.18 30-110 .16 10 302 Measuring Scale Phillips Screwdriver, With Wiha-SoftFinish® Cushion Grip Handle Item mm No. Size mm Inch mm Inch mm Inch mm Inch Scale lbs. pkg. 31137 2 100 3.9 6.0 1/4 218 8.6 36 1.42 20-90 .21 10 311 · Perfect for measuring small parts on the go · Quickly check drilled hole depths & diameters · Patented design with permanent laser marking · Chrome-vanadium-molybdenum tool steel shafts · Hardened & tempered for long life performance · Precision machined exact fit tips · Hard chrome surfaces for incredible wear resistance Item No. mm mm Size mm lbs. 31194 5.5 125 2 100 .37 2 Pc Slotted & Phillips Measuring Scale Screwdriver Set 31194 Inch and Metric Inch & Metric scales Inch & Metric scales |