Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

28613 Fiches technique(PDF) 3 Page - Wiha Tools

No de pièce 28613
Description  PROFESSIONAL TORQUE CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIHA [Wiha Tools]
Site Internet  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28613 Fiches technique(HTML) 3 Page - Wiha Tools

  28613 Datasheet HTML 1Page - Wiha Tools 28613 Datasheet HTML 2Page - Wiha Tools 28613 Datasheet HTML 3Page - Wiha Tools 28613 Datasheet HTML 4Page - Wiha Tools 28613 Datasheet HTML 5Page - Wiha Tools 28613 Datasheet HTML 6Page - Wiha Tools 28613 Datasheet HTML 7Page - Wiha Tools 28613 Datasheet HTML 8Page - Wiha Tools 28613 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
TorqueVario-S ESD was developed for use in anti-static environments and
TorqueVario-S ESD provides safety when working with electronic components.
All Wiha TorqueVario-S models have an integrated window scale that displays
the torque value - a completely new design, which eliminates false readings.
The torque value is continuously adjustable by using the provided adjustment
tool (TorqueSetter) this prevents the setting from being altered unintentionally.
DESCRIPTION
Page
T-handle Torque Tools
15
Blades
15
Wiha TorqueControl T-handle Tools
DESCRIPTION
Page
TorqueVario Handle
14-15
ESD Safe Blades
14-15
ESD Safe Set
14
TorqueVario
Wiha TorqueControl ESD Safe Tools
Notes:
www.wihatools.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20