Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

30220 Fiches technique(PDF) 21 Page - Wiha Tools

No de pièce 30220
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIHA [Wiha Tools]
Site Internet  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30220 Fiches technique(HTML) 21 Page - Wiha Tools

Back Button 30220 Datasheet HTML 17Page - Wiha Tools 30220 Datasheet HTML 18Page - Wiha Tools 30220 Datasheet HTML 19Page - Wiha Tools 30220 Datasheet HTML 20Page - Wiha Tools 30220 Datasheet HTML 21Page - Wiha Tools 30220 Datasheet HTML 22Page - Wiha Tools 30220 Datasheet HTML 23Page - Wiha Tools 30220 Datasheet HTML 24Page - Wiha Tools 30220 Datasheet HTML 25Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
www.wihatools.com
Made in Germany
6 Pc. Set
Item No.
T6, T7, T8, T9,
lbs.
36293
T10, T15
.78
Screwdriver, With Wiha-Powerhandle CVM steel blade, hardened, hard chromed.
Wiha-powerhandle cellulose-acetate.
Item
No.
Size
mm
Inch
mm
Inch
mm
Inch
lbs.
pkg.
36205
T5
50
2.0
2.5
.098
110
4.3
.03
10
36210
T6
50
2.0
3.5
.139
125
4.9
.06
10
36212
T7
50
2.0
3.5
.139
125
4.9
.06
10
36215
T8
60
2.4
3.5
.139
135
5.3
.06
10
36220
T9
60
2.4
4.0
.157
140
5.5
.09
10
36225
T10
80
3.1
4.0
.157
170
6.7
.13
10
36230
T15
80
3.1
4.0
.157
170
6.7
.13
10
36235
T20
100
3.9
4.0
.157
200
7.9
.17
10
36240
T25
100
3.9
4.5
.177
200
7.9
.18
10
36245
T27
115
4.5
5.5
.216
215
8.5
.20
10
36250
T30
115
4.5
6.0
.236
225
8.9
.28
10
Wiha Powerhandle
8 Pc. Set
Blade high alloy
CVM steel, hardened, hard chromed. Wiha-
powerhandle cellulose-acetate, impact resistant.
Item No. T6, T8, T10, T15,
lbs.
36292
T20, T25, T27, T30
1.45
362
36292
36293
Wiha
Proturn Screwdrivers
Screwdriver, With Wiha-Proturn Handle Blade high alloy CVM steel, hardened,
black finish. Molded on ergonomic Wiha-Proturn handle, impact resistant.
Item
No.
Size
mm
Inch
mm
Inch
mm
Inch
lbs.
pkg.
45505
T6
50
2.0
3.5
.139
129
5.1
.05
10
45506
T7
50
2.0
3.5
.139
129
5.1
.05
10
45511
T8
60
2.4
3.5
.139
139
5.5
.06
10
45516
T9
60
2.4
4.0
.157
149
5.8
.08
10
45521
T10
80
3.1
4.0
.157
170
6.7
.10
10
45526
T15
80
3.1
4.0
.157
170
6.7
.10
10
45531
T20
100
3.9
4.0
.157
190
7.5
.11
10
45536
T25
100
3.9
4.5
.177
190
7.5
.11
10
45541
T27
115
4.5
5.5
.216
215
8.4
.11
10
45546
T30
115
4.5
6.0
.236
215
8.4
.20
10
45551
T40
130
5.1
7.0
.275
240
9.4
.28
10
45561
T50
130
5.1
9.0
.354
240
9.4
.31
10
455
Set 6 Pcs.
Item
:
No.
T7, T8, T9, T10,
lbs.
45591
T15, T20
.72
45591
Set 8 Pcs.
Item
No.
T8, T9, T10, T15,
lbs.
45592
T20, T25, T27, T30
1.10
45592
Set 11 Pcs.
Item No.
:
45589
T6, T7x50mm, T8, T9x60mm,
lbs.
T10, T15x80mm, T20, T25x100mm,
2.0
T27, T30x115mm, T40x130mm
45589
Black finish
blades
Through
hardened for
optimum wear
resistance
Molded on
ergonomic
handle
proportioned
to blade
sizes
proturn
High performance
tool steel
1/4
” Bit Holding Screwdriver, With
Wiha Proturn Handle Magnetic, holds bit and
screw. Shaft CVM steel, nickel-plated. Handle,
molded on, impact resistant.
48400
Item
No.
Size mm Inch mm Inch lbs. pkg.
48400 1/4 125 5.0 243 9.6 .24 10
Retainer out of stainless steel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44