| Moteur de recherche de fiches techniques de composants électroniques |
|
30210. Fiches technique(PDF) 1 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
30210. Fiches technique(HTML) 1 Page - Wiha Tools |
|
|
1 / 1 page ![]() Toll Free: (800) 494-6104 Wiha Quality Tools See Product Category Index 68 Slotted Screwdriver, With Wiha-SoftFinish® Handle Round blade, high alloy CVM, hardened, hard chromed. Wiha-Chromtop tips. Handle, multi-component, cusion grip. 302 Phillips Screwdriver, With Wiha-SoftFinish® Handle Round blade, high alloy CVM steel, hardened, hard chromed. Wiha-Chromtop tips. Handle, multi-component, cusion grip. 311 Item No. mm Inch mm Inch mm Inch mm Inch lbs. pkg. 302 05* 3.0 .118 100 3.9 0.5 .020 204 8.0 .06 10 302 10* 3.5 .139 100 3.9 0.6 .024 204 8.0 .07 10 302 15* 4.0 .157 100 3.9 0.8 .031 211 8.3 .11 10 302 17* 4.0 .157 150 5.9 0.8 .031 261 10.3 .12 10 302 18* 4.5 .187 80 3.1 0.8 .031 191 7.5 .11 10 302 11* 4.5 .187 125 5.0 0.8 .031 236 9.3 .12 10 302 19* 4.5 .187 150 5.9 0.8 .031 261 10.2 .12 10 302 20* 5.5 .216 125 5.0 1.0 .039 236 9.3 .15 10 302 38* 5.5 .216 300 11.8 1.0 .039 411 16.1 .24 10 302 22* 6.0 .250 100 3.9 1.2 .047 218 8.6 .17 10 302 23 6.5 .255 100 3.9 1.0 .039 218 8.6 .20 10 302 25 6.5 .255 150 5.9 1.2 .047 268 10.6 .22 10 302 27 8.0 .315 150 5.9 1.2 .047 274 10.8 .29 10 302 30 8.0 .315 175 7.0 1.2 .047 299 11.8 .30 10 302 35 10.0 .393 200 8.0 1.6 .063 324 12.8 .36 10 302 36 12.0 .472 250 9.8 2.0 .078 374 14.7 .52 10 *Cabinet Tips Item No. Size mm Inch mm Inch mm Inch lbs. pkg. 311 05 0 60 2.4 3.0 .118 164 6.5 .06 10 311 10 1 80 3.1 4.5 .177 191 7.5 .11 10 311 12 1 200 8.0 4.5 .177 311 12.3 .15 10 311 14 1 300 12.0 4.5 .177 411 16.2 .18 10 311 15 2 100 3.9 6.0 .236 218 8.6 .20 10 311 17 2 200 8.0 6.0 .236 318 12.5 .25 10 311 18 2 300 12.0 6.0 .236 418 16.5 .30 10 311 20 3 150 5.9 8.0 .315 274 10.8 .33 10 311 25 4 200 8.0 10.0 .393 323 12.7 .51 10 Wiha SoftFinish® Handle - Standard Series Stubby Slotted Screwdriver, With Wiha-SoftFinish® Handle Item No. mm Inch mm Inch mm Inch mm Inch lbs. pkg. 302 39 4.0 .157 25 1.0 0.8 .031 75 2.95 .09 10 302 55 5.5 .216 25 1.0 1.0 .039 75 2.95 .09 10 302 65 6.5 .255 25 1.0 1.2 .047 75 2.95 .10 10 302 Stubby Phillips Screwdriver, With Wiha-SoftFinish® Handle Item No. Size mm Inch mm Inch mm Inch lbs. pkg. 311 35 1 25 1.0 4.5 .177 75 3.0 .09 10 311 40 2 25 1.0 6.0 .236 75 3.0 .10 10 311 Item No. Size mm Inch mm Inch mm Inch lbs. pkg. 358 01 1 100 3.9 4.5 5/32 210 8.2 .12 10 358 02 2 150 5.9 5.0 1/4 268 10.5 .19 10 358 03 3 150 5.9 6.0 1/4 268 10.5 .22 10 Square Screwdriver, With Wiha-SoftFinish® Handle Round blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha- SoftFinish® handle, multi-component, cushion grips. 358 Item No. Size mm Inch mm Inch mm Inch lbs. pkg. 313 05 0 60 2.4 3.0 .118 164 6.5 .06 10 313 10 1 80 3.1 4.5 .177 191 7.5 .11 10 313 12 1 200 8.0 4.5 .177 311 12.3 .15 10 313 15 2 100 3.9 6.0 .236 218 8.6 .20 10 313 20 3 150 5.9 8.0 .315 274 10.8 .33 10 Pozidriv® Screwdriver, With Wiha-SoftFinish® Handle Round blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha- SoftFinish® handle, multi-component, cushion grips. 313 Go To Image Index Go To Numerical Index I N D E X SHOP SHOP SHOP SHOP SHOP SHOP PREVIOUS NEXT |
Numéro de pièce similaire - 30210. |
|
Description similaire - 30210. |