Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VB005-2-6 Fiches technique(PDF) 2 Page - BLOCK Transformatoren-Elektronik GmbH

No de pièce VB005-2-6
Description  Safety isolating transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Site Internet  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH

VB005-2-6 Fiches technique(HTML) 2 Page - BLOCK Transformatoren-Elektronik GmbH

  VB005-2-6 Datasheet HTML 1Page - BLOCK Transformatoren-Elektronik GmbH VB005-2-6 Datasheet HTML 2Page - BLOCK Transformatoren-Elektronik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Safety isolating transformer
VB 0,5/2/6
Type
VB 0,5/2/6
Input
Rated input voltage
230 Vac
Rated frequency
50 - 60 Hz
Output
Rated output voltage
2 x 6 Vac
Rated Power
0.5 VA
No-load voltage (app. x factor)
1.80
No-load loss (typ.)
1.10 W
Efficiency
40.0 %
Standards
Classification
Safety isolating transformer
Approvals
Approvals
cURus, VDE
Environment
Ambient temperature max.
70 °C
Safety and protection
Type
Encapsulated
Insulation class
VDE=B, UL=class 105
Protection index
IP 00
Safety class (prepared)
II
Short circuit strength
inherently short-circuit proof
Order numbers
Order Number
VB 0,5/2/6
Type
VB 0,5/2/6
Terminal and mounting
Terminals
Pins for printed circuit boards
Measures and weights
Pin (ø)
0.6 mm
Core type
EE 20/10,5
Weight
0.04 kg
PRI SEC
19.0
5.0
22.7
15.0
22.0
15.0
5.0
5.0
5.0



Html Pages

1 2