| Moteur de recherche de fiches techniques de composants électroniques |
|
261 Fiches technique(PDF) 1 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
261 Fiches technique(HTML) 1 Page - Wiha Tools |
|
|
1 / 1 page ![]() www.wihatools.com Wiha Quality Tools Germany 141 Set 7 Pcs. Slotted & Phillips Blade high alloy chrome-vanadium- molybdenum steel. Item No. mm mm lbs. 261 90 260 15 1.5 40 .31 260 22 2.0 50 260 25 2.5 50 260 32 3.0 60 Size mm 261 00 00 40 261 05 0 50 261 10 1 60 261 90 Set 7 Pcs. Slotted & Phillips Blade high alloy chrome-vanadium- molybdenum steel. Item No. mm mm lbs. 260 92 260 25 2.5 50 .30 260 27 2.5 100 260 33 3.0 100 260 34 3.0 150 260 41 4.0 100 260 42 4.0 150 Size mm 261 08 0 75 260 92 Wiha Precision Slotted/Phillips Drivers Set 5 Pcs. Slotted & Phillips Blade high alloy chrome-vanadium- molybdenum steel. Item No. mm mm lbs. 261 92 260 28 2.5 150 .44 260 34 3.0 150 260 42 4.0 150 Size mm 261 09 0 150 261 15 1 150 261 92 Phillips Screwdriver, With Precision Handle Blade high alloy chrome-vanadium-molybdenum steel. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. 261 02 000 40 1.6 2.0 .08 120 4.7 .02 10 261 00 00 40 1.6 2.0 .08 120 4.7 .02 10 261 01 00 75 3.0 2.0 .08 155 6.1 .02 10 261 05 0 50 2.0 3.0 .12 145 5.7 .02 10 261 08 0 75 3.0 3.0 .12 170 6.7 .03 10 261 07 0 100 3.9 3.0 .12 195 7.6 .05 10 261 09 0 150 5.9 3.0 .12 245 9.6 .06 10 261 10 1 60 2.4 4.0 .16 170 6.7 .05 10 261 13 1 80 3.1 4.0 .16 190 7.5 .05 10 261 14 1 100 3.9 4.0 .16 210 8.2 .06 10 261 15 1 150 5.9 4.0 .16 260 10.2 .07 10 *Metric dimensions actual - Inch dimensions approximate 261 Set 8 Pcs. Slotted/Phillips In Rugged Canvas Pouch Blade high alloy chrome-vanadium-molybdenum steel. Hard chrome finished. In storage pouch Item No. mm mm Size mm lbs. 261 99 260 10 1.0 40 261 02 000 40 .55 260 20 2.0 40 261 00 00 40 260 30 3.0 50 261 05 0 50 260 40 4.0 60 261 10 1 60 261 99 Set 4 Pcs. Phillips Blade high alloy chrome-vanadium-molybdenum steel. Hard chrome finished. Item No. Size mm lbs. 261 94 261 02 000 40 .18 261 00 00 40 261 05 0 50 261 10 1 60 261 94 Go To Image Index Go To Numerical Index I N D E X SHOP SHOP SHOP SHOP SHOP SHOP PREVIOUS NEXT |
Numéro de pièce similaire - 261 |
|
Description similaire - 261 |