Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFS5 Fiches technique(PDF) 18 Page - List of Unclassifed Manufacturers

No de pièce SFS5
Description  AC-DC Converter Compact Miniature Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SFS5 Fiches technique(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SFS5 Datasheet HTML 13Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 14Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 15Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 16Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 17Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 18Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 19Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 20Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
DATASHEET
SEP 05, 2007
SFS5 Series AC-DC Converter Compact Miniature Type
With Your Electronics POWERPLAZA
www.powerplaza.co.kr
Reliability Specification
Standard
Remarks
Dry heat
IEC60068-2-2
Cold
IEC60068-2-1
Thermal shock
IEC60068-2-14
Temperature, humidity cycle
IEC60068-2-30,
IEC60068-2-38
Vibration
IEC 60068-2-6
Mechanical shock
IEC 60068-2-27
Electrostatic Discharge immunity
IEC 61000-4-2
Immunity to radio frequency EM-fields
IEC 61000-4-3
Electrical fast transient/burst immunity
IEC 61000-4-4
Surge immunity
IEC 61000-4-5
B10 Life test
B10 Life is the time by which 10% of the
product population will get failed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21