Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HVC50 Fiches technique(PDF) 11 Page - EPCOS

No de pièce HVC50
Description  High-voltage contactor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

HVC50 Fiches technique(HTML) 11 Page - EPCOS

Back Button HVC50 Datasheet HTML 5Page - EPCOS HVC50 Datasheet HTML 6Page - EPCOS HVC50 Datasheet HTML 7Page - EPCOS HVC50 Datasheet HTML 8Page - EPCOS HVC50 Datasheet HTML 9Page - EPCOS HVC50 Datasheet HTML 10Page - EPCOS HVC50 Datasheet HTML 11Page - EPCOS HVC50 Datasheet HTML 12Page - EPCOS HVC50 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC50
PPD AB PD / PPD AB PM
Version: 01 / 2024-10-14
Please read Cautions and warnings and
Page 11 of 13
Important notes at the end of this document.
The auxiliary contact is a mirror contact acc. to IEC 60947-4-1 Annex F.
During vibration in the unpowered state of the contactor, the auxiliary contact may be displaced
from its resting position. The resulting short interruptions of the auxiliary contact do not
necessarily indicate closing of the main contact.
Display of ordering codes for TDK Electronics products
The ordering code for one and the same product can be represented differently in data sheets, data books,
other publications, on the company website, or in order-related documents such as shipping notes, order
confirmations and product labels.
The varying representations of the ordering codes are due to
different processes employed and do not affect the specifications of the respective products.
Detailed information can be found on the Internet under www.tdk-electronics.tdk.com/orderingcodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13