Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4156077 Fiches technique(PDF) 2 Page - Labfacility Ltd

No de pièce 4156077
Description  Silicone Rubber Patch Thermocouple Type K PFA Twin Twisted with Miniature Plug or Bare Tails -
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LABFACILITY [Labfacility Ltd]
Site Internet  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4156077 Fiches technique(HTML) 2 Page - Labfacility Ltd

  4156077 Datasheet HTML 1Page - Labfacility Ltd 4156077 Datasheet HTML 2Page - Labfacility Ltd 4156077 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-55
Nov-23
Specifications
General Description Resistant to many oils & chemicals
Sensor Type
Thermocouple junction encapsulated in a silicone rubber
patch
Thermocouple Type
Type K
Cable Length
1m, 2m, 5m
Cable Type
PFA insulated twin-twist wire 1/0.2mm
Termination Type
Miniature flat pin plug or Bare tails
Max. Temperature
+150°C
Min. Temperature
-50°C
Standards Met
ANSI
Colour
Positive: Red / Negative: Yellow
Dimensions
Length 40mm x Width 13mm x Height 5mm Rubber patch
Ordering Information
Thermocouple
Type
Cable
Length
Termination
Manufacturers Code
Farnell Order
Code
K
1m
Bare Tails
SRS-K-1M-T-A
4156082
K
2m
Bare Tails
SRS-K-2M-T-A
4156083
K
5m
Bare Tails
SRS-K-5M-T-A
4156084
K
1m
Miniature Plug
SRS-K-1M-MP-A
4156077
K
2m
Miniature Plug
SRS-K-2M-MP-A
4156078
K
5m
Miniature Plug
SRS-K-5M-MP-A
4156081



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com