| Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC2G240GS Fiches technique(PDF) 16 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC2G240GS Fiches technique(HTML) 16 Page - Nexperia B.V. All rights reserved |
|
16 / 22 page ![]() 74LVC2G240 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 8 — 8 April 2013 16 of 22 NXP Semiconductors 74LVC2G240 Dual inverting buffer/line driver; 3-state Fig 15. Package outline SOT902-2 (XQFN8) References Outline version European projection Issue date IEC JEDEC JEITA SOT902-2 - - - MO-255 - - - sot902-2_po 10-11-02 11-03-31 Unit(1) mm max nom min 0.5 0.05 0.00 1.65 1.60 1.55 1.65 1.60 1.55 0.55 0.5 0.15 0.10 0.05 0.1 0.05 A Dimensions Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. XQFN8: plastic, extremely thin quad flat package; no leads; 8 terminals; body 1.6 x 1.6 x 0.5 mm SOT902-2 A1 b 0.25 0.20 0.15 DE e e1 L 0.35 0.30 0.25 L1 vw 0.05 yy1 0.05 0 1 2 mm scale terminal 1 index area B A D E X C y C y1 terminal 1 index area 3 L L1 b e1 e A C B v C w 2 1 5 6 7 metal area not for soldering 8 4 A1 A detail X |