Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB-RS485-PCBA Fiches technique(PDF) 2 Page - Future Technology Devices International Ltd.

No de pièce USB-RS485-PCBA
Description  Future Technology Devices International Ltd
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FTDI [Future Technology Devices International Ltd.]
Site Internet  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-RS485-PCBA Fiches technique(HTML) 2 Page - Future Technology Devices International Ltd.

  USB-RS485-PCBA Datasheet HTML 1Page - Future Technology Devices International Ltd. USB-RS485-PCBA Datasheet HTML 2Page - Future Technology Devices International Ltd. USB-RS485-PCBA Datasheet HTML 3Page - Future Technology Devices International Ltd. USB-RS485-PCBA Datasheet HTML 4Page - Future Technology Devices International Ltd. USB-RS485-PCBA Datasheet HTML 5Page - Future Technology Devices International Ltd. USB-RS485-PCBA Datasheet HTML 6Page - Future Technology Devices International Ltd. USB-RS485-PCBA Datasheet HTML 7Page - Future Technology Devices International Ltd. USB-RS485-PCBA Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-RS485-PCBA Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright © 2011 Future Technology Devices International Limited
1
Document Reference No.: FT_000120
USB to RS485 UART Serial Converter PCB Datasheet
Version 1.2
Clearance No. FTDI#80
1 Description
The USB-RS485-PCB is a USB to RS485 level serial UART converter PCB incorporating FTDI‟s FT232RQ
USB to Serial UART interface IC device which handles all the USB signalling and protocols. The PCB
provides a fast, simple way to connect devices with a RS485 interface to USB.
Each USB-RS485-PCB contains a small internal electronic circuit board, utilising the FT232R plus a USB
type-A connector. The FT232R datasheet, DS_FT232R, is available at http://www.ftdichip.com. The
integrated electronics also include an RS485 transceiver plus Tx and Rx LEDs which give a visual
indication of UART traffic.
The PCB is USB powered and USB 2.0 full speed compatible. Each PCB supports a data transfer rate up to
3 Mbaud and supports the FTDIChip-ID™, with a unique USB serial number programmed into the
FT232R. This feature can be used to create a security or password protected file transfer access using the
PCB. Further information and examples on this feature are available at http://www.ftdichip.com under
FTDIChip-ID Projects.
The USB-RS485-PCB requires USB drivers, available free from http://www.ftdichip.com, which are
used to make the FT232R on the PCB appear as a virtual COM port (VCP). This then allows the user to
communicate with the USB interface via a standard PC serial emulation port (for example TTY). Another
FTDI USB driver, the D2XX driver, can also be used with application software to directly access the
FT232R on the PCB though a DLL. This is illustrated in the Figure 1.1.
TTY
USB
USB-RS485-PCB
Virtual COM Port
Software application access to USB via D2XX
USB
TTY
RS485 UART
SIGNALS
USB-RS485-PCB
RS485 UART
SIGNALS
Figure 1.1 Using the USB-RS485-PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com