Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBYT01 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce SMBYT01
Description  FAST RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBYT01 Fiches technique(HTML) 2 Page - STMicroelectronics

  SMBYT01 Datasheet HTML 1Page - STMicroelectronics SMBYT01 Datasheet HTML 2Page - STMicroelectronics SMBYT01 Datasheet HTML 3Page - STMicroelectronics SMBYT01 Datasheet HTML 4Page - STMicroelectronics SMBYT01 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
VF*
Tj=25
°CIF =1 A
1.5
V
Tj = 100
°C
1.05
1.4
IR **
Tj =25
°CVR =VRRM
10
µA
Tj = 100
°C
0.1
0.3
mA
Pulse test : * tp = 380
µs, δ <2 %
** tp = 5 ms,
δ <2 %
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj =25
°CIF = 0.5A
IR =1A
Irr = 0.25A
25
ns
IF =1A
VR = 30V
dIF/dt = -15A/
µs
60
RECOVERY CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
tIRM
VCC = 200V
IF =1A
Lp
≤ 0.05µH
Tj = 100
°CdIF/dt = -50A/µs
35
50
ns
IRM
1.5
2
A
To evaluate the conduction losses use the following equation :
P = 1.1 x IF(AV) + 0.25 x IF
2
(RMS)
TURN-OFF SWITCHING CHARACTERISTICS (Without serie inductance)
Voltage (V)
400
Marking
B4
Laser marking
Logo indicates cathode
SMBYT01
2/5



Html Pages

1 2 3 4 5