| Moteur de recherche de fiches techniques de composants électroniques |
|
AVB2.3/2/18 Fiches technique(PDF) 1 Page - BLOCK Transformatoren-Elektronik GmbH |
|
|
|||||||||||||||||||||||||||||
AVB2.3/2/18 Fiches technique(HTML) 1 Page - BLOCK Transformatoren-Elektronik GmbH |
|
1 / 2 page ![]() Mains transformer AVB 2,3/2/18 Advantages Minimum size at high output Inherently short-circuit proof Dual input voltage for series or parallel connection Also with dual output voltage for series or parallel connection Designed for high ambient temperatures Permanent corrosion protection, high insulation value and maximum electrical reliability thanks to XtraDenseFill resin encapsulation Self-extinguishing potting and hood material Applications As a mains transformer for adjustment of the voltage and simple electrical isolation. As a safety transformer for the safe electrical isolation of the input and output sides. The transformer is suitable for creating SELV and PELV circuits because of the limit on the output voltage. Sample application Standards Z Mains transformer to: VDE 0570 Teil 2-1, DIN EN 61558-2-1, EN 61558-2-1, IEC 61558-2-1, UL 5085-1/-2, CSA 22.2 No.66 Approvals W & Z UL 5085-1/-2, CSA 22.2 No.66 Picture shows AVB 3,2/2/18 |
Numéro de pièce similaire - AVB2.3/2/18 |
|
Description similaire - AVB2.3/2/18 |