Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RASU190120BK1.. Fiches technique(PDF) 2 Page - Hammond Manufacturing Ltd.

No de pièce RASU190120BK1..
Description  Universal Rack Shelf RAS Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMMOND [Hammond Manufacturing Ltd.]
Site Internet  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RASU190120BK1.. Fiches technique(HTML) 2 Page - Hammond Manufacturing Ltd.

  RASU190120BK1.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. RASU190120BK1.. Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data subject to change without notice.
Part No.
Part No.
Mounting Dimensions
Rack
Stiffener Lip(s)
Suggested
Vented
Solid
Height
Width
Depth
Units
Folded
Load Capacity
RASV240515BK1
RASU240515BK1
5.25
24.00
15.00
3U
Up (Back Only)
200
RASV240520BK1
RASU240520BK1
5.25
24.00
20.00
3U
Up (Back Only)
200
Tested to nearly double the suggested load rating.
© 2016. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2