Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS-J-M+F Fiches technique(PDF) 2 Page - Labfacility Ltd

No de pièce JS-J-M+F
Description  Standard Thermocouple Connector Plug & Socket JS-J-MF Type J JIS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LABFACILITY [Labfacility Ltd]
Site Internet  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

JS-J-M+F Fiches technique(HTML) 2 Page - Labfacility Ltd

  JS-J-M+F Datasheet HTML 1Page - Labfacility Ltd JS-J-M+F Datasheet HTML 2Page - Labfacility Ltd JS-J-M+F Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
CONNECTORS - 73 (J)
Dec-23
Specifications
General Description
Contacts are polarised to prevent incorrect connection
Thermocouple Type
J JIS
Connector Size
Standard
Connector Type
Plug & Socket
Colour
Yellow
Max. Temperature
220°C
Pins
Solid Round Pins
+Positive Contact
Iron
-Negative Contact
Copper Nickel
Standards Met
BS EN 50212:1997. RoHS
Ordering Information
Thermocouple Type
Colour
Code
Size
Style
Manufacturers
Number
Farnell order
Number
J
JIS
Standard
Plug & Socket
JS-J-M+F
4073255



Html Pages

1 2 3