Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B66335 Fiches technique(PDF) 9 Page - EPCOS

No de pièce B66335
Description  Ferrites and accessories
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B66335 Fiches technique(HTML) 9 Page - EPCOS

Back Button B66335 Datasheet HTML 3Page - EPCOS B66335 Datasheet HTML 4Page - EPCOS B66335 Datasheet HTML 5Page - EPCOS B66335 Datasheet HTML 6Page - EPCOS B66335 Datasheet HTML 7Page - EPCOS B66335 Datasheet HTML 8Page - EPCOS B66335 Datasheet HTML 9Page - EPCOS B66335 Datasheet HTML 10Page - EPCOS B66335 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Ferrites and accessories
Symbols and terms
10/24
Note:
All dimensions are given in mm.
Surface-mount device
Temperature coefficient (TK)
1/K
F
Relative temperature coefficient of material
1/K
e
Temperature coefficient of effective permeability
1/K
r
Relative permittivity
Magnetic flux
Vs
Efficiency of a transformer
B
Hysteresis material constant
mT-1
i
Hysteresis core constant
A–1H–1/2
s
Magnetostriction at saturation magnetization
Relative complex permeability
0
Magnetic field constant
Vs/Am
a
Relative amplitude permeability
app
Relative apparent permeability
e
Relative effective permeability
i
Relative initial permeability
p'
Relative real (inductive) component of
(for parallel components)
p"
Relative imaginary (loss) component of
 (for parallel components)
r
Relative permeability
rev
Relative reversible permeability
s'
Relative real (inductive) component of
(for series components)
s"
Relative imaginary (loss) component of
 (for series components)
tot
Relative total permeability derived from the static magnetization curve
Resistivity
m–1
l/A
Magnetic form factor
mm–1
Cu
DC time constant
Cu = L/RCu = AL/AR
s
Angular frequency;
= 2 f
s–1
Symbol
Meaning
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11