| Moteur de recherche de fiches techniques de composants électroniques |
|
STS2 Fiches technique(PDF) 2 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
STS2 Fiches technique(HTML) 2 Page - PANDUIT CORP. |
|
2 / 2 page ![]() Nylon 612 Cable Ties WORLDWIDE SUBSIDIARIES AND SALES OFFICES PANDUIT US/CANADA Phone: 800.777.3300 PANDUIT EUROPE LTD. London, UK Phone: 44.20.8601.7200 PANDUIT SINGAPORE PTE. LTD. Republic of Singapore Phone: 65.6305.7575 PANDUIT JAPAN Tokyo, Japan Phone: 81.3.6863.6000 PANDUIT LATIN AMERICA Guadalajara, Mexico Phone: 52.33.3777.6000 PANDUIT AUSTRALIA PTY. LTD. Victoria, Australia Phone: 61.3.9794.9020 For a copy of Panduit product warranties, log on to www.panduit.com/warranty For more information Visit us at www.panduit.com Contact Customer Service by email: cs@panduit.com or by phone: 800.777.3300 ©2022 Panduit Corp. ALL RIGHTS RESERVED. FBSP211-WW-ENG 12/2022 O r de r i n g I nf o r m a t i o n Black Weather Resistant Part Number Length In. (mm) Width In. (mm) Thickness In. (mm) Max. Bundle Dia. In. (mm) Min. Loop Tensile Strength Lbs. (N) Recommended Installation Tool Pkg. Qty.* Bulk Ctn. Qty. Miniature Cross Section PLT1M-M6120 3.9 (99) .098 (2.5) 0.043 (1.1) 0.87 (22) 20 (89) GTS-E, GS2B-E, PTS, PPTS, STS2 1,000 50,000 PLT1M-C6120 100 1,000 Intermediate Cross Section PLT1.5I-M6120 5.6 (142) 0.142 (3.6) 0.045 (1.1) 1.38 (35) 25 (111) GTS-E, GS2B-E, PTS, PPTS, STS2 1,000 25,000 PLT1.5I-C6120 100 1,000 Standard Cross Section PLT2S-M6120 7.4 (188) 0.19 (4.8) 0.047 (1.2) 1.88 (48) 50 (222) GTS-E, GS2B-E, GTH-E, GS4H-E, PTS, PTH, PPTS, STS2, STH2 1,000 10,000 PLT2S-C6120 100 1,000 PLT2.5S-M6120 9.8 (249) 0.052 (1.3) 2.5 (64) 1,000 10,000 PLT2.5S-C6120 100 1,000 PLT3S-M6120 11.5 (292) 3.0 (76) 1,000 10,000 PLT3S-C6120 100 1,000 PLT4S-M6120 14.5 (368) 4.0 (102) 1,000 5,000 PLT4S-C6120 100 1,000 Light-Heavy Cross Section PLT4H-TL6120 14.5 (368) 0.3 (7.6) 0.075 (1.9) 4.0 (102) 120 (534) GTH-E, GS4H-E, GS4EH-E, PTH, STH2, ST3EH 250 1,000 PLT7LH-C6120 24.7 (627) 7.0 (178) 100 2,000 PLT8LH-C6120 27.6 (701) 8.0 (203) *Order number of pieces required, in multiples of Packages Quantity Part Number Used with Nylon 612 Cable Ties Description Std. Pkg. Qty. Tool Controlled Tension and Cut-Off Tools GTS-E, GS2B-E Miniature, Intermediate, Standard Tool controlled tension tool consistently provide flush tie cut-offs to speed installation 1 GS4H-E, GTH-E Standard, Light-Heavy GS4EH-E Light-Heavy Installer Controlled Tension and Cut-Off Tools STS2 Miniature, Intermediate, Standard Installer controlled tension tools are economical and ideal for low volume applications 1 STH2 Standard, Light-Heavy ST3EH Light-Heavy Pneumatic Tools PTS, PPTS Miniature, Intermediate, Standard Pneumatic, push button operation tools tension and cut-off excess tie in a fraction of a second 1 PTH Standard, Light-Heavy R el at e d Pr o du c t s |