| Moteur de recherche de fiches techniques de composants électroniques |
|
GTS Fiches technique(PDF) 2 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
GTS Fiches technique(HTML) 2 Page - PANDUIT CORP. |
|
2 / 2 page ![]() © 2008 PANDUIT Corp. ALL RIGHTS RESERVED. WW-CTSP01 3/2008 PAN-TY ® Cable Ties – Polypropylene WORLDWIDE SUBSIDIARIES AND SALES OFFICES For a copy of PANDUIT product warranties, log on to www.panduit.com/warranty PANDUIT CANADA Markham, Ontario cs-cdn@panduit.com Phone: 800.777.3300 PANDUIT EUROPE LTD. London, UK cs-emea@panduit.com Phone: 44.20.8601.7200 PANDUIT JAPAN Tokyo, Japan cs-japan@panduit.com Phone: 81.3.3767.7011 PANDUIT SINGAPORE PTE. LTD. Republic of Singapore cs-ap@panduit.com Phone: 65.6305.7575 PANDUIT AUSTRALIA PTY. LTD. Victoria, Australia cs-aus@panduit.com Phone: 61.3.9794.9020 PANDUIT LATIN AMERICA Jalisco, Mexico cs-la@panduit.com Phone: 52.333.777.6000 Contact Customer Service by email: cs@panduit.com or by phone: 800-777-3300 and reference CTSP01 Visit us at www.panduit.com For more information Natural Part Number Weather Resistant Part Number Length In. (mm) Width In. (mm) Thickness In. (mm) Max. Bundle Dia. In. (mm) Min. Loop Tensile Strength Lbs. (N) Recommended Installation Tool Tool Setting Bulk Pkg. Qty.* Bulk Ctn. Qty. Miniature Cross Section PLT1M-M109 PLT1M-M100 3.9 (99) 0.098 (2.5) 0.043 (1.1) 0.87 (22) 11 (49) GTS, GTSL, GS2B, PTS, PPTS, STS2 2 1000 50,000 Intermediate Cross Section PLT1.5I-M109 PLT1.5I-M100 5.6 (142) 0.142 (3.6) 0.045 (1.1) 1.38 (35) 18 (80) GTS, GTSL, GS2B, PTS, PPTS, STS2 3 1000 25,000 Standard Cross Section PLT2S-M109 PLT2S-M100 7.4 (188) 0.190 (4.8) 0.052 (1.3) 1.88 (48) 30 (133) GTS, GTSL, GS2B, GS4H, PTS, PTH, PPTS, STS2, STH2 5 (GTS, GS2B, PTS, PPTS) 2 (GTH, GS4H) 1000 10,000 PLT3S-M109 PLT3S-M100 11.5 (292) 3.00 (76) 1000 10,000 PLT4S-M109 PLT4S-M100 14.5 (368) 4.00 (102) 1000 5,000 Light-Heavy Cross Section (Straight Tip) PLT2H-TL109 PLT2H-TL100 8.1 (206) 0.300 (7.6) 0.075 (1.9) 2.00 (51) 50 (222) GTH, GS4H, GS4EH, PTH, STH2, ST3EH 5 250 2,500 PLT3H-TL109 PLT3H-TL100 11.4 (290) 3.00 (76) 250 2500 PLT4H-TL109 PLT4H-TL100 14.5 (368) 4.00 (102) 250 2500 *Order number of pieces required, in multiples of Bulk Package Quantity. ordering information related products Part Numbers Used with Polypropylene Cable Ties Description Std. Pkg. Qty. Tool Controlled Tension and Cut-Off Tools GTS, GTSL, GS2B Miniature, Intermediate, Standard Tool controlled tension tools consistently provide flush tie cut-offs to speed installation. 1 GS4H, GTH, GS4EH Standard, Light-Heavy 1 Installer Controlled Tension and Cut-Off Tools STS2 Miniature, Intermediate, Standard Installer controlled tension tools are economical and ideal for low volume applications. 1 STH2 Standard, Light-Heavy 1 STH3EH Light-Heavy 1 Pneumatic Tools PTS, PPTS Miniature, Intermediate, Standard Pneumatic, push button operation tools tension and cut-off excess tie in a fraction of a second. 1 PTH Standard, Light-Heavy 1 |