Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1597D4MPH Fiches technique(PDF) 3 Page - Hammond Manufacturing Ltd.

No de pièce 1597D4MPH
Description  DIN Rail Mounted Enclosures
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMMOND [Hammond Manufacturing Ltd.]
Site Internet  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1597D4MPH Fiches technique(HTML) 3 Page - Hammond Manufacturing Ltd.

  1597D4MPH Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1597D4MPH Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1597D4MPH Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
8/18/23, 3:18 PM
DIN Rail Mounted Enclosures (1597DM Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/1597dm
3/3
Part Number
Compatible Sizes
Description
1597D2MTC6
DIN 2
With Holes
1597D3MTC6
DIN 3, DIN 6, DIN 9
With Holes
1597D4MTC6
DIN 4
With Holes
1597D5MTC6
DIN 5
With Holes
1597D2MTCKO
DIN 2
With Punch-Out Holes
1597D3MTCKO
DIN 3, DIN 6, DIN 9
With Punch-Out Holes
1597D4MTCKO
DIN 4
With Punch-Out Holes
1597D5MTCKO
DIN 5
With Punch-Out Holes
1597D4MHSC
DIN 4
Inside Terminal Cover
Accessories - DIN Clips and Bread Boards
Part Number
Compatible Sizes
Description
1597DINCLIP1M
DIN1
DIN Clip
1597DINCLIPXT
DIN2, DIN3, DIN4, DIN5, DIN6, DIN9
DIN Clip
1597D4MADP
All
Bread Board
Data subject to change without notice
Tags: DIN mount, DIN clip, DIN rail, terminal, terminal block, PPO
© 2023. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2 3