Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LV4053 Fiches technique(PDF) 4 Page - Nexperia B.V. All rights reserved

No de pièce 74LV4053
Description  Triple single-pole double-throw analog switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV4053 Fiches technique(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LV4053_V01 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 17 March 2016
4 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to VCC.
Fig 5.
Pin configuration SOT109-1, SOT338-1 and
SOT403-1
Fig 6.
Pin configuration for SOT763-1
Table 2.
Pin description
Symbol
Pin
Description
E
6
enable input (active LOW)
VEE
7
supply voltage
GND
8
ground supply voltage
S1, S2, S3
11, 10, 9
select input
1Y0, 2Y0, 3Y0
12, 2, 5
independent input or output
1Y1, 2Y1, 3Y1
13, 1, 3
independent input or output
1Z, 2Z, 3Z
14, 15, 4
common output or input
VCC
16
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com