Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMPH2 Fiches technique(PDF) 2 Page - PANDUIT CORP.

No de pièce CMPH2
Description  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CMPH2 Fiches technique(HTML) 2 Page - PANDUIT CORP.

  CMPH2 Datasheet HTML 1Page - PANDUIT CORP. CMPH2 Datasheet HTML 2Page - PANDUIT CORP. CMPH2 Datasheet HTML 3Page - PANDUIT CORP. CMPH2 Datasheet HTML 4Page - PANDUIT CORP. CMPH2 Datasheet HTML 5Page - PANDUIT CORP. CMPH2 Datasheet HTML 6Page - PANDUIT CORP. CMPH2 Datasheet HTML 7Page - PANDUIT CORP. CMPH2 Datasheet HTML 8Page - PANDUIT CORP. CMPH2 Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
The NetKey ® Copper and Fiber Cabling
System provides a complete, standards
compliant cabling infrastructure solution
for voice, data and video applications.
NetKey ® Modules feature the universal
“keystone” design and are compatible
with a wide assor tment of modular patch
panels, faceplates, and surface mount boxes.
When teamed with complementary Panduit
products, the NetKey ® solutions cover all
your needs from the telecommunication
room to the work area with the proven
innovation and quality you depend
on from Panduit.
Panduit and General Cable™ offer a comprehensive line
of contractor-grade connectivity and cabling solutions.
This world-class par tnership provides guaranteed network
performance and system reliability for customer requirements.
For the complete cable offering, reference the NetGen®
Structured Cabling Solutions Brochure, NCCB56--SA-ENG.
NetGen is a registered trademark of
General Cable Technologies Corporation and Panduit.
General Cable is a registered trademark of General Cable Technologies
Corporation.
Panduit and NetKey are registered trademarks of Panduit Corp.
NetKey ® Cabling System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20