| Moteur de recherche de fiches techniques de composants électroniques |
|
LS8E Fiches technique(PDF) 9 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
LS8E Fiches technique(HTML) 9 Page - PANDUIT CORP. |
|
9 / 20 page ![]() TLBP1S-V 1 RU tool-less filler panel, 9.52mm (3/8 in.) square holes. TLBP1R-V 1 RU tool-less filler panel, M5 (#10) or M6 (#12) round tapped holes. TLBP2S-V 2 RU tool-less filler panel, 9.52mm (3/8 in.) square holes. TLBP2R-V 2 RU tool-less filler panel, M5 (#10) or M6 (#12) round tapped holes. 9 visit www.panduit.com/NetKey NetKey ® Patch Panels • Mount to standard TIA/EIA 19'' racks • Punchdown patch panels meet all industry performance standards for Category 6 and 5e • Modular patch panels accept all NetKey ® Modules • Molded patch panels made of strong polymer material, with port numbering front and back • Optional angled versions available for high density installations • Strain relief bars assist in cable management and bend radius control • Filler panels reserve space for future use and direct airflow NKFP24Y NKFP48Y NK6PPG12WY NK5EPPG12WY NK6PP48P NK5EPP48P NK6PP24P NK5EPP24P NKFP12W *Punchdown patch panels are color-coded for T568A and T568B wiring schemes. Punchdown tools found on page 13. Punchdown Patch Panels* Part Number Description NK6PPG12WY Category 6, 12-port punchdown patch panel. Mounts to wall with standard 89D bracket (WB89D). Category 6 NK6PP24P Category 6, 24-port molded punchdown patch panel, 1 RU. NK6PP48P Category 6, 48-port molded punchdown patch panel, 2 RU. NK5EPPG12WY Category 5e, 12-port punchdown patch panel. Mounts to wall with standard 89D bracket (WB89D). Category 5e NK5EPP24P Category 5e, 24-port molded punchdown patch panel, 1 RU. NK5EPP48P Category 5e, 48-port molded punchdown patch panel, 2 RU. NKFP12W 12-port modular patch panel. Mounts to wall with standard 89D bracket (WB89D). Modular Patch Panels NKFP24Y 24-port modular patch panel, 1 RU. NKFP48Y 48-port modular patch panel, 2 RU. NKPP24P 24-port molded modular patch panel, 1 RU. NKPP48P 48-port molded modular patch panel, 2 RU. NKPPA24FMY NKPPA48FMY WB89D NKPP24P NKPP48P SRB19BLY SRBM19BLY CPAF2BLY NKPPA24FMY 24-port flush mount angled modular patch panel, 1 RU. Flush Mount Patch Panels NKPPA48FMY 48-port flush mount angled modular patch panel, 2 RU. NKPP24FMY 24-port flush mount modular patch panel, 1 RU. NKPP48FMY 48-port flush mount modular patch panel, 2 RU. WB89D Wall mount bracket. Ideal for use with 12-port punchdown or modular patch panels. Wall Mount Bracket SRB19BLY Strain relief bar extends 2'' from standard 19'' rack for additional cable support. Strain Relief Bars SRBM19BLY Strain relief bar and Tak-Ty ® Hook & Loop Cable Ties for additional cable support. SRBS19BL-XY Straight strain relief bar. Filler Panels CPAF1BLY 1 RU angled filler panel. CPAF2BLY 2 RU angled filler panel. TLBP1R-V TLBP2R-V NKFP24KSRBSY 24-port modular patch panel with strain relief bar, 1 RU. NKFP48KSRBSY 48-port modular patch panel with strain relief bar, 2 RU. |