| Moteur de recherche de fiches techniques de composants électroniques |
|
GS4MT Fiches technique(PDF) 1 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
GS4MT Fiches technique(HTML) 1 Page - PANDUIT CORP. |
|
1 / 8 page ![]() Product Bulletin Product Bulletin www.panduit.com Permanent identification solutions enable reliable, comprehensive identification in harsh and industrial environments. The Panduit permanent identification system delivers long-term durability and legibility for optimum identification of pipes, conduit, cables and equipment. Featuring on-site custom marking tools, these systems offer portability for permanent identification on demand. Panduit also offers custom marking service for embossed and laser etched marker plates, tags, and ties to speed installation time, reduce labor costs and keep projects on schedule. Panduit Permanent Identification System Key Features Benefits Stainless Steel and Aluminum Marker Plates, Tags, and Cable Ties Broad offering of metal materials available for marker plates and cable ties Choose the best metal material to meet the requirements of the application Easy feed cable tie slot Raised slot provides easy cable tie insertion to speed installation (available on select marker plates) Patented Self-locking cable tie design Reduces the number of installation steps required to provide lowest installed cost Smooth cable tie cut-off Eliminates burrs and sharp edges after installation to protect installer and adjacent bundles Smooth surfaces and rounded edges Protects the cable bundle and the installer for improved productivity, job site safety, and reliability On-Site Custom Marking Tools Automatic embossing system The system automatically creates raised characters on stainless steel and aluminum marker plates and tags, quickly and easily using Easy-Mark Plus™ Labeling Software, to deliver maximum visibility for applications that are exposed to dirt and paint Metal embossing hand tool and tape system (MEHT187) Multi-functional cutting die design creates embossed marker plates with raised cable tie slot in one step instead of three, for faster installation Lightweight and portable, easily moves from one job site to another; this system embosses 3/16” characters onto stainless steel or aluminum tape, to improve visibility in applications that are subjected to dirt or paint Metal indenting machine Stable bench top tool safely indents on a wide variety of marker plates, tags, ties and straps to provide quick identification |
Numéro de pièce similaire - GS4MT |
|
Description similaire - GS4MT |