Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC TO MT-RJ PATCH Fiches technique(PDF) 15 Page - PANDUIT CORP.

No de pièce LC TO MT-RJ PATCH
Description  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LC TO MT-RJ PATCH Fiches technique(HTML) 15 Page - PANDUIT CORP.

Back Button LC TO MT-RJ PATCH Datasheet HTML 11Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 12Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 13Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 14Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 15Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 16Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 17Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 18Page - PANDUIT CORP. LC TO MT-RJ PATCH Datasheet HTML 19Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
visit www.panduit.com/NetKey
Stackability
Stackable hubs mount on top of one
another to maximize use of enclosure
space and offer easy expansion for
additional drops.
Phone Hub Test Ports/
Security Interface
Enables testing of the incoming phone
lines from the building demarcation point
and connections from the enclosure to
the residence to ensure performance.
Security interface includes a built-in
switch that overrides the phone service
for emergency notifications, ensuring
safety and security of unit or residence
when needed.
Grounding and Bonding
Integrated grounding stud, along with
optional grounding kit, provides means
to properly ground the enclosure to the
surrounding structure, protecting network
equipment and maximizing uptime.
Shear forms built-in to the enclosure
work with the cable management kit
for appropriate cable management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20