| Moteur de recherche de fiches techniques de composants électroniques |
|
74HCS30PWJ Fiches technique(PDF) 4 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HCS30PWJ Fiches technique(HTML) 4 Page - Nexperia B.V. All rights reserved |
|
4 / 15 page ![]() Nexperia 74HCS30 8-input NAND gate with Schmitt-trigger inputs 7. Limiting values Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage -0.5 +7 V IIK input clamping current VI < -0.5 V or VI > VCC + 0.5 V [1] - ±20 mA IOK output clamping current VO < -0.5 V or VO > VCC + 0.5 V [1] - ±20 mA IO output current VO = 0 V to VCC - ±35 mA ICC supply current - 70 mA IGND ground current -70 - mA Tj junction temperature [2] - +150 °C Tstg storage temperature -65 +150 °C HBM ANSI/ESDA/JEDEC JS-001 class 3A exceeds 4000 V - ±4000 V VESD electrostatic discharge CDM ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1500 V - ±1500 V Ptot total power dissipation [3] - 500 mW [1] The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] Guaranteed by design. [3] For SOT108-1 (SO14) package: Ptot derates linearly with 10.1 mW/K above 100 °C. For SOT402-1 (TSSOP14) package: Ptot derates linearly with 7.3 mW/K above 81 °C. For SOT762-1 (DHVQFN14) package: Ptot derates linearly with 9.6 mW/K above 98 °C. 8. Recommended operating conditions Table 5. Recommended operating conditions Symbol Parameter Conditions Min Typ Max Unit VCC supply voltage 2.0 5.0 6.0 V VI input voltage 0 - VCC V VO output voltage 0 - VCC V Tamb ambient temperature -40 +25 +125 °C 74HCS30 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2025. All rights reserved Product data sheet Rev. 1 — 27 June 2025 4 / 15 |