| Moteur de recherche de fiches techniques de composants électroniques |
|
EMPLUS-2GO Fiches technique(PDF) 2 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
EMPLUS-2GO Fiches technique(HTML) 2 Page - PANDUIT CORP. |
|
2 / 8 page ![]() Permanent Identification System Key Features Benefits Panduit Custom Marking Service Custom marking service Creates embossed or laser etched metal plates, tags, and ties to speed installation time and reduce labor costs Rapid shipment worldwide Provides quick product availability to the job site to keep projects on schedule Embossing capability Creates raised characters for maximum visibility in applications that are exposed to dirt and paint Laser etching capability Provides crisp, high quality text and graphics for improved visibility Applications Cable Identification Pipe Identification Valve/Device Identification General Mechanical Identification Technical Information Pan-Steel® Stainless Steel, Marker Plates, Tags, and Cable Ties Pan-Alum™ Aluminum Marker Plates and Cable Ties Brass Tags Material: 304 and 316 Grade Stainless Steel Aluminum – Natural and Anodized Brass Maximum temperature rating: 538°C (1000°F) 100°C (212°F) 150°C (302°F) Minimum temperature rating: -80°C (-112°F) -80°C (-112°F) -80°C (-112°F) RoHS: Compliant Compliant Compliant Flammability: Non-flammable Non-flammable Non-flammable Ultraviolet light resistance: Excellent Good Excellent 2 |