Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NKFSCMAQ Fiches technique(PDF) 13 Page - PANDUIT CORP.

No de pièce NKFSCMAQ
Description  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

NKFSCMAQ Fiches technique(HTML) 13 Page - PANDUIT CORP.

Back Button NKFSCMAQ Datasheet HTML 9Page - PANDUIT CORP. NKFSCMAQ Datasheet HTML 10Page - PANDUIT CORP. NKFSCMAQ Datasheet HTML 11Page - PANDUIT CORP. NKFSCMAQ Datasheet HTML 12Page - PANDUIT CORP. NKFSCMAQ Datasheet HTML 13Page - PANDUIT CORP. NKFSCMAQ Datasheet HTML 14Page - PANDUIT CORP. NKFSCMAQ Datasheet HTML 15Page - PANDUIT CORP. NKFSCMAQ Datasheet HTML 16Page - PANDUIT CORP. NKFSCMAQ Datasheet HTML 17Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
visit www.panduit.com/NetKey
For standard colors other than IW (Off White), replace suffix with EI (Electric Ivory), WH (White),
IG (International Gray) or BL (Black). Faceplate frames found on page 10.
CHD15HDCIWY
CHD9CIWY
NetKey ® Audio/Video Inserts
CHR3RGBIW
CHR3WYRIW
Part
Number
Description
CHR3RGBIW
1/3 insert supplied with three RCA pass-through couplers. Inserts
are red, green and blue. Ideal for component video.
RCA Inserts
CHR3WYRIW
1/3 insert supplied with three RCA pass-through couplers.
Inserts are white, yellow and red. Ideal for composite video or
left/right stereo.
CHD9CIWY
1/3 insert supplied with 9-pin female to female coupler.
D-Subminiature Inserts
CHD15HDCIWY
1/3 insert supplied with 15-pin female to female coupler.
SVGA compatible.
CHD15HDSCIWY 1/3 insert supplied with 15-pin HD screw down DB connector
mounted to printed circuit board. SVGA compatible.
T ermination T ools
PDT110
Part
Number
Description
NKSPB
Base used to assist in terminating punchdown modules.
Punchdown Base
JR-PAN-2*
Fluke** JackRapid Termination Tool for Category 6 and Category 5e NetKey ®
Punchdown Modules.
NetKey® Jack Module Termination Tools
CJT-X
Termination tool for Category 3 NetKey ® Leadframe Jack Modules.
*Fluke JackRapid Termination Tool available through distribution. Contact Fluke customer service at
800-283-5853 to locate a local distributor. **Fluke is a registered trademark of Fluke Corporation.
NKSPB
CJT
FIELDKIT
Tools, consumables, installation instructions and stripping templates necessary
for termination of all Panduit field polish connectors.
Fiber Termination Kit
JR-PAN-2
Color
Off White
Off White
Off White
Off White
Off White
CHD15HDSCIWY
PDT110
Single pair punchdown tool and blade terminates and cuts UTP cable in one
operation. Ideal for use with Pan-Punch® Punchdown System.
Pan-Punch® Termination Tool
PDTH110
Replacement blade for single pair punchdown tool (PDT110).
FIELDKIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20