Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NKFSCMWH Fiches technique(PDF) 14 Page - PANDUIT CORP.

No de pièce NKFSCMWH
Description  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

NKFSCMWH Fiches technique(HTML) 14 Page - PANDUIT CORP.

Back Button NKFSCMWH Datasheet HTML 10Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 11Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 12Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 13Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 14Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 15Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 16Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 17Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 18Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Open Mounting Grid Base
1" grid pattern across entire enclosure
base provides for vertical or horizontal
placement of hubs and other
components, allowing greater flexibility
for installation, and maximum use
of available space.
Modular Patch Panel
The media distribution NetKey®
Modular Patch Panel provides a
front-accessible patch panel module
that accepts all NetKey® Voice,
Video, Data and Audio Modules
to provide communication to up
to eight different locations.
Network Equipment Bracket
The media distribution equipment
bracket secures third-party
equipment, such as routers or
switches to the media distribution
system enclosure, providing flexibility
and choice to meet individual needs.
The Panduit media distribution system offers an
efficient and cost-effective means to distribute voice,
video, and data services within commercial and
residential locations. High density solutions support a
greater number of network services and applications
allowing improved space utilization while cost effectively
implementing media components. A comprehensive
set of modular components improve design flexibility,
enable quick modifications, and scalability for future
growth from the building demarcation point to the
end user's network outlet.
Cable Management
Through the use of D-Hooks and
the cable management kit, the
Media Distribution System provides
superior cable management within
the enclosure to organize cables
for easy access and to maximize
enclosed space.
Media Distribution System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20