Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NKFLCSSWH Fiches technique(PDF) 9 Page - PANDUIT CORP.

No de pièce NKFLCSSWH
Description  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

NKFLCSSWH Fiches technique(HTML) 9 Page - PANDUIT CORP.

Back Button NKFLCSSWH Datasheet HTML 5Page - PANDUIT CORP. NKFLCSSWH Datasheet HTML 6Page - PANDUIT CORP. NKFLCSSWH Datasheet HTML 7Page - PANDUIT CORP. NKFLCSSWH Datasheet HTML 8Page - PANDUIT CORP. NKFLCSSWH Datasheet HTML 9Page - PANDUIT CORP. NKFLCSSWH Datasheet HTML 10Page - PANDUIT CORP. NKFLCSSWH Datasheet HTML 11Page - PANDUIT CORP. NKFLCSSWH Datasheet HTML 12Page - PANDUIT CORP. NKFLCSSWH Datasheet HTML 13Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TLBP1S-V
1 RU tool-less filler panel, 9.52mm (3/8 in.) square holes.
TLBP1R-V
1 RU tool-less filler panel, M5 (#10) or M6 (#12) round tapped holes.
TLBP2S-V
2 RU tool-less filler panel, 9.52mm (3/8 in.) square holes.
TLBP2R-V
2 RU tool-less filler panel, M5 (#10) or M6 (#12) round tapped holes.
9
visit www.panduit.com/NetKey
NetKey ® Patch Panels
• Mount to standard TIA/EIA 19'' racks
• Punchdown patch panels meet all industry performance
standards for Category 6 and 5e
• Modular patch panels accept all NetKey ® Modules
• Molded patch panels made of strong polymer material, with port
numbering front and back
• Optional angled versions available for high density installations
• Strain relief bars assist in cable management and bend
radius control
• Filler panels reserve space for future use and direct airflow
NKFP24Y
NKFP48Y
NK6PPG12WY
NK5EPPG12WY
NK6PP48P
NK5EPP48P
NK6PP24P
NK5EPP24P
NKFP12W
*Punchdown patch panels are color-coded for T568A and T568B wiring schemes.
Punchdown tools found on page 13.
Punchdown Patch Panels*
Part
Number
Description
NK6PPG12WY
Category 6, 12-port punchdown patch panel. Mounts to wall with standard
89D bracket (WB89D).
Category 6
NK6PP24P
Category 6, 24-port molded punchdown patch panel, 1 RU.
NK6PP48P
Category 6, 48-port molded punchdown patch panel, 2 RU.
NK5EPPG12WY
Category 5e, 12-port punchdown patch panel. Mounts to wall with standard
89D bracket (WB89D).
Category 5e
NK5EPP24P
Category 5e, 24-port molded punchdown patch panel, 1 RU.
NK5EPP48P
Category 5e, 48-port molded punchdown patch panel, 2 RU.
NKFP12W
12-port modular patch panel. Mounts to wall with standard 89D bracket (WB89D).
Modular Patch Panels
NKFP24Y
24-port modular patch panel, 1 RU.
NKFP48Y
48-port modular patch panel, 2 RU.
NKPP24P
24-port molded modular patch panel, 1 RU.
NKPP48P
48-port molded modular patch panel, 2 RU.
NKPPA24FMY
NKPPA48FMY
WB89D
NKPP24P
NKPP48P
SRB19BLY
SRBM19BLY
CPAF2BLY
NKPPA24FMY
24-port flush mount angled modular patch panel, 1 RU.
Flush Mount Patch Panels
NKPPA48FMY
48-port flush mount angled modular patch panel, 2 RU.
NKPP24FMY
24-port flush mount modular patch panel, 1 RU.
NKPP48FMY
48-port flush mount modular patch panel, 2 RU.
WB89D
Wall mount bracket. Ideal for use with 12-port punchdown or modular patch panels.
Wall Mount Bracket
SRB19BLY
Strain relief bar extends 2'' from standard 19'' rack for additional cable support.
Strain Relief Bars
SRBM19BLY
Strain relief bar and Tak-Ty ® Hook & Loop Cable Ties for additional cable support.
SRBS19BL-XY
Straight strain relief bar.
Filler Panels
CPAF1BLY
1 RU angled filler panel.
CPAF2BLY
2 RU angled filler panel.
TLBP1R-V
TLBP2R-V
NKFP24KSRBSY
24-port modular patch panel with strain relief bar, 1 RU.
NKFP48KSRBSY
48-port modular patch panel with strain relief bar, 2 RU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20