| Moteur de recherche de fiches techniques de composants électroniques |
|
KP24APWSBL Fiches technique(PDF) 2 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
KP24APWSBL Fiches technique(HTML) 2 Page - PANDUIT CORP. |
|
2 / 2 page ![]() Keystone Shielded Solution NFFY6X04BU-HED STP28X1MBU KJS6X88TC KP24WSBL KFPL86S2SWH *For other colors and lengths, please visit www.panduit.com Part Number Description Std. Pkg. Qty. Std. Ctn. Qty. NFFY6X04BU-HED NetKey® Copper Cable, Cat. 6A, 4-Pair, 23 AWG, F/FTP, EuroClass Cca-s1a-d1-a1, Blue, 500m/1640 ft. 1 18 STP28X* Cat. 6A 28AWG shielded patch cord, CM/LSZH, Blue, 1 meter. 1 10 KJS6X88TC Category 6A, RJ45, 10 Gb/s, 8-position, 8-wire keystone shielded jack module. 1 50 KP24WSBL Keystone 24-port modular all metal shielded patch panel with built-in strain relief bar, Black, 1 RU. 1 10 KPS24BL Keystone 24-port flat shielded panel without strain relief bar, Black, 1 RU. 1 10 KPA24WSBL Keystone 24-port angled panel with strain relief bar, Black, 1 RU. 1 10 KPA48WSBL Keystone 48-port angled panel with strain relief bar, Black, 2 RU. 1 10 KP24APWSBL Keystone shielded 24-port, modular flat mount all metal patch panel with angled jack ports and strain relief bar. 1 10 KFPL86S2SWH Keystone 86mm x 86mm faceplate frame with two 25mm x 50mm sloped shuttered insert. Accepts two Keystone modules, includes labels and label covers, White. 1 10 © 2021 Panduit Corp. ALL RIGHTS RESERVED. COSG24--SA-UKE REPLACES COSG21--SA-UKE 1/2021 Panduit CBC London 6 Broad Street Place London EC2M 7JH UK phone +44 (0) 208 601 7200 EMEA-CustomerServices@panduit.com www.panduit.com KPA24WSBL |