| Moteur de recherche de fiches techniques de composants électroniques |
|
EVAL-10MSOPEBZ Fiches technique(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-10MSOPEBZ Fiches technique(HTML) 1 Page - Analog Devices |
|
1 / 6 page ![]() EVAL-10MSOPEBZ User Guide UG-1037 One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com Evaluation Board for 10-Lead MSOP Devices in the Switches and Multiplexers Portfolio PLEASE SEE THE LAST PAGE FOR AN IMPORTANT WARNING AND LEGAL TERMS AND CONDITIONS. Rev. 0 | Page 1 of 6 FEATURES 10-lead MSOP evaluation board Clamp allows the main device to be easily changed Gold pin connectors allow the addition of passive components SMB connectors for the input/output of signals Additional space on-board to allow for prototyping EVALUATION KIT CONTENTS EVAL-10MSOPEBZ evaluation board ONLINE RESOURCES Documents Needed Data sheet of the device being evaluated EVAL-10MSOPEBZ user guide EQUIPMENT NEEDED Device being evaluated DC voltage source Analog signal source Method to measure voltage, such as a digital multimeter (DMM) GENERAL DESCRIPTION The EVAL-10MSOPEBZ evaluation board evaluates 10-lead MSOP devices in the Switches and Multiplexers Portfolio that are purchased separately. A clamp is supplied with the EVAL- 10MSOPEBZ to secure a 10-lead MSOP device to the evaluation board without the need for soldering, making the EVAL- 10MSOPEBZ evaluation board reusable for multiple devices. Figure 1 shows the EVAL-10MSOPEBZ evaluation board. A 10-lead MSOP device can be clamped or soldered to the center of the EVAL-10MSOPEBZ evaluation board. Each pin of the device has a corresponding link from K1 to K10 that can be set to either VDD or GND. A wire screw terminal supplies VDD and GND. SMB connectors on the board allow additional external signals to be supplied to the device. In addition, there is space available at the top of the EVAL-10MSOPEBZ evaluation board for prototyping. Full specifications of the device under test (DUT) are available in the corresponding product data sheet, which should be consulted in conjunction with this user guide when using the evaluation board. EVAL-10MSOPEBZ EVALUATION BOARD PHOTOGRAPH Figure 1. |
Numéro de pièce similaire - EVAL-10MSOPEBZ |
|
Description similaire - EVAL-10MSOPEBZ |