| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF4002BCPZ Fiches technique(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4002BCPZ Fiches technique(HTML) 11 Page - Analog Devices |
|
11 / 21 page ![]() ADF4002 Data Sheet Rev. D | Page 10 of 20 LATCH MAPS AND DESCRIPTIONS LATCH SUMMARY DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 C2 (0) C1 (0) R1 R2 R3 R4 R5 R6 R7 R8 R9 R10 R11 R12 R13 R14 ABP1 ABP2 T1 T2 LDP DB21 DB22 DB23 0 0 X DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 C2 (0) C1 (1) B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 B13 X X X X X X DB21 DB22 DB23 G1 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 C2 (1) C1 (0) F1 PD1 M1 M2 M3 F3 X X CPI1 CPI2 CPI5 CPI6 TC4 PD2 F2 CPI3 CPI4 DB21 TC3 TC2 TC1 DB22 DB23 F4 F5 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 C2 (1) C1 (1) F1 PD1 M1 M2 M3 F3 X X CPI1 CPI2 CPI5 CPI6 TC4 PD2 F2 CPI3 CPI4 DB21 TC3 TC2 TC1 DB22 DB23 F4 F5 REFERENCE COUNTER LATCH RESERVED TEST MODE BITS ANTI- BACKLASH WIDTH 14-BIT REFERENCE COUNTER CONTROL BITS RESERVED 13-BIT N COUNTER RESERVED CONTROL BITS N COUNTER LATCH FUNCTION LATCH CURRENT SETTING 2 CURRENT SETTING 1 TIMER COUNTER CONTROL MUXOUT CONTROL CONTROL BITS RESERVED CURRENT SETTING 2 CURRENT SETTING 1 TIMER COUNTER CONTROL MUXOUT CONTROL CONTROL BITS INITIALIZATION LATCH RESERVED X X Figure 15. Latch Summary |