| Moteur de recherche de fiches techniques de composants électroniques |
|
B25675C4162J780 Fiches technique(PDF) 1 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B25675C4162J780 Fiches technique(HTML) 1 Page - EPCOS |
|
1 / 17 page ![]() Film Capacitors – Power Factor Correction PhaseCap Energy Plus Series/Type: MKK Ordering code: B25675C* Date: 2021-06-24 Version: 2 TDK Electronics AG 2021. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without TDK Electronics' prior express consent is prohibited. Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white". This ensures that the table disappears (invisible) for the customer PDF. Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! Identification/Classification 1 (header 1 + top left bar): Film Capacitors – Power Factor Correction Identification/Classification 2 (header 2 + bottom left header bar): PhaseCap Energy Plus Ordering code: (top right header bar) B25675C* Series/Type: (bottom right header bar) MKK Preliminary data (optional): Preliminary data Department: CAP FILM ES PFC PM Date: 2021-06-24 Version: 2 |
Numéro de pièce similaire - B25675C4162J780 |
|
Description similaire - B25675C4162J780 |