Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B25675C4162J715 Fiches technique(PDF) 15 Page - EPCOS

No de pièce B25675C4162J715
Description  Film Capacitors – Power Factor Correction
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B25675C4162J715 Fiches technique(HTML) 15 Page - EPCOS

Back Button B25675C4162J715 Datasheet HTML 9Page - EPCOS B25675C4162J715 Datasheet HTML 10Page - EPCOS B25675C4162J715 Datasheet HTML 11Page - EPCOS B25675C4162J715 Datasheet HTML 12Page - EPCOS B25675C4162J715 Datasheet HTML 13Page - EPCOS B25675C4162J715 Datasheet HTML 14Page - EPCOS B25675C4162J715 Datasheet HTML 15Page - EPCOS B25675C4162J715 Datasheet HTML 16Page - EPCOS B25675C4162J715 Datasheet HTML 17Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Film Capacitors – Power Factor Correction
B25675C*
PhaseCap Energy Plus
MKK
Preliminary data
CAP FILM ES PFC PM
2021-06-24
Please read Cautions and warnings and
Page 15 of 17
Important notes at the end of this document.
Storage and operating conditions
Do not use or store capacitors in corrosive atmosphere, especially where chloride gas, sulfide gas,
acid, alkali, salt or the like are present. In dusty environments regular maintenance and cleaning
especially of the terminals is required to avoid conductive path between phases and/or phases
and ground.
Note
For detailed information about PFC capacitors and cautions, refer to the latest version of TDK PFC
Product Profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17