Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B25675C4162J700 Fiches technique(PDF) 5 Page - EPCOS

No de pièce B25675C4162J700
Description  Film Capacitors – Power Factor Correction
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B25675C4162J700 Fiches technique(HTML) 5 Page - EPCOS

  B25675C4162J700 Datasheet HTML 1Page - EPCOS B25675C4162J700 Datasheet HTML 2Page - EPCOS B25675C4162J700 Datasheet HTML 3Page - EPCOS B25675C4162J700 Datasheet HTML 4Page - EPCOS B25675C4162J700 Datasheet HTML 5Page - EPCOS B25675C4162J700 Datasheet HTML 6Page - EPCOS B25675C4162J700 Datasheet HTML 7Page - EPCOS B25675C4162J700 Datasheet HTML 8Page - EPCOS B25675C4162J700 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Film Capacitors – Power Factor Correction
B25675C*
PhaseCap Energy Plus
MKK
Preliminary data
CAP FILM ES PFC PM
2021-06-24
Please read Cautions and warnings and
Page 5 of 17
Important notes at the end of this document.
Approvals / reference standards
Approval Mark
Standard of reference
Certificate
IEC 60831–1/2 Edition 3.0 (2014)
-
UL 810-5th edition
Available from 230 to 660 V AC &
up to 33.1 kvar
Dimensional drawings
Terminal type A
Terminal type B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17